Part Number Hot Search : 
74AHCT1 2815T SM8761AA PESD5V0 DB305 50N06 FM260N 18VDC
Product Description
Full Text Search
 

To Download BL-PDW-JJD-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
*
Feature:
1. High brightness surface mount LED. 2. Based on GaN technology. 3. 120 viewing angle. 4. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. 5. Qualified according to JEDEC moisture sensitivity Level 2. 6. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Solder Pad Design
V.2 Page: 1 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
*
Optical Characteristics: Chip Technology / Viewing Luminous Intensity @ If = 20mA Color Angle Iv ( mcd ) 7.2 ... 18.0 GaN / 120 Blue, 466 nm 7.2 ... 9.0 9.0 ... 11.2 11.2 ... 14.0 14.0 ... 18.0 120 28.5 ... 71.5 28.5 ... 35.5 ... 45.0 ... 56.0 ... 35.5 45.0 56.0 71.5
Part Number BL-PDB-JJS-C10 * BIN K1 * BIN K2 * BIN L1 * BIN L2 BL-PDW-JJD-C10 * * * * NOTE: BIN N1 BIN N2 BIN P1 BIN P2
GaN / White
1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
*
Absolute Maximum Ratings:
Maximum Value 20 200 4.55 5 125 -40 ... +100 -40 ... +100 85 Unit mA mA V V C C C mW
Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Forward voltage (IF=20mA) Reverse voltage (IR=10 A) LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature )
V.2 Page: 2 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
*
Vf Binning: Vf Bin @ 20mA Standard 02 03 04 Forward voltage (V) 3.65 ... 4.55 3.65 ... 3.95 3.95 ... 4.25 4.25 ... 4.55
Forward voltage, Vf is measured with an accuracy of 0.1 V.
*
BL-PDW, White Color Grouping
GaN White Bin Structure 0.5 0.48 0.46 0.44 0.42 0.4 0.38 0.36 0.34 0.32 0.3 0.28 0.26 0.24 0.22 0.2 0.25
Y2 Y1 X2 X1
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Bin X1 X2 Y1 Y2
Cx Cy Cx Cy Cx Cy Cx Cy
1 0.303 0.307 0.315 0.328 0.328 0.349 0.340 0.369
2 0.315 0.328 0.328 0.349 0.34 0.369 0.353 0.39
3 0.315 0.363 0.328 0.384 0.34 0.404 0.353 0.425
4 0.303 0.342 0.315 0.363 0.328 0.384 0.340 0.404
Color coordinate is measured with an accuracy of 0.01
V.2 Page: 3 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
*
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current (mA) vs. Forward Voltage (GaN:Blue)
35
1.6 1.4
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
Relative intensity. Normalized at 20 mA.
30
Forward Current (mA)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 5.0 10.0 15.0 20.0 25.0 30.0 35.0 FORWARD CURRENT (mA)
25 20 15 10 5 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Forward Voltage (V)
Fig. 3 Radiation pattern.
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature.
25
40
0.8
Forward Current, If
20
15
50
0.6
10
60 70 80 90
0.4
5
0.2
0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature
0
Fig. 5 Relative Intensity vs. Wavelength
Relative Spectral Emission
1.0 0.9 0.8
Relative Intensity
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 400 450 500 550 600 650 700
Wavelength (nm)
V.2 Page: 4 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
Fig. 6 Recommended IR-reflow Soldering Profile.
Fig. 7 Recommended TTW Soldering Profile.
V.2 Page: 5 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
*
Taping And Orientation.
Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively.
V.2 Page: 6 of 6


▲Up To Search▲   

 
Price & Availability of BL-PDW-JJD-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X